Part Number Hot Search : 
UBA2032T L7805 80020 60300 TPS85107 2SC4350 2SC181 CLL4741A
Product Description
Full Text Search
 

To Download AM5TW-4805S-RZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am 5tw -rz 5 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12.e 1 of 3 north america only features: mod els single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am5tw - 2403s - rz 9 - 36 3.3 1300 1500 1000 75 am5tw - 2405s - rz 9 - 36 5 1000 1500 680 80 am5tw - 2407s - rz 9 - 36 7.2 690 1500 4700 78 am5tw -2409s -rz 9 -36 9 556 1500 220 80 am5tw - 2412s - rz 9 - 36 12 417 1500 100 81 am5tw - 2415s - rz 9 - 36 15 333 1500 100 84 am5tw - 2418s - rz 9 - 36 18 278 1500 68 82 am5tw - 2424s - rz 9 - 36 24 209 1500 47 82 am5tw - 4803s - rz 18 - 7 2 3.3 1300 1500 1000 75 am5tw - 4805s - rz 18 - 72 5 1000 1500 680 81 am5tw - 4807s - rz 18 - 72 7.2 690 1500 4700 80 am5tw - 4809s - rz 18 - 72 9 556 1500 220 82 am5tw - 4812s - rz 18 - 72 12 417 1500 100 83 am5tw - 4815s - rz 18 - 72 15 333 1500 100 84 am5tw - 48 18s - rz 18 - 72 18 278 1500 68 83 am5tw - 4824s - rz 18 - 72 24 209 1500 47 83 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am5tw - 2403d - rz 9 - 36 3.3 75 8 1500 470 79 am5tw - 2405d - rz 9 - 36 5 500 1500 330 81 am5tw - 2407d - rz 9 - 36 7.2 347 1500 100 80 am5tw - 2409d - rz 9 - 36 9 278 1500 68 82 am5tw - 2412d - rz 9 - 36 12 208 1500 47 83 am5tw - 2415d - rz 9 - 36 15 167 1500 47 83 am5tw - 2418d - rz 9 - 36 18 139 1500 22 83 am5tw - 2424d - rz 9 - 36 24 104 1500 22 83 am5tw - 4803d - rz 18 - 72 3.3 600 1500 470 80 am5tw - 4805d - rz 18 - 72 5 500 1500 330 81 am5tw - 4807d - rz 18 - 72 7.2 347 1500 100 80 am5tw - 4809d - rz 18 - 72 9 278 1500 68 82 am5tw - 4812d - rz 18 - 72 12 209 1500 47 82 am5tw - 4815d - rz 18 - 72 15 167 1500 47 83 am5tw - 4818d - rz 18 - 72 18 139 1500 22 82 am5tw - 4824d - rz 18 - 72 24 104 1500 22 82 input specifications parameters nominal typical maximum units v oltage range 24 48 9 -36 18 - 72 vdc filter (pi) network turn on transient process time 350 ms start up time 500 ms ? rohs compliant ? operating temperature - 40 o c to + 85 o c ? 24 pin dip package ? input / output i solation 1500 vdc ? high efficiency up to 8 4 % ? pin compa t i ble with multiple manufacturers ? wide 4:1 input range ? continuous short circuit protection
series am 5tw -rz 5 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12.e 2 of 3 north america only input specifications (continued) parameters nominal typical maximum units absolute maximum rating 24 vin 48 vin - 0.7 - 40 - 0.7-80 vd c peak input voltage time 100 ms isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 vdc resistance >1000 mohm capacitance 500 pf output specifications parameters conditions typical maximum u nits voltage accuracy 1 % voltage balance (dual output model) balanced load 1 % short circuit protection continuous short circuit restart auto recovery line voltage regulation (single) 0.5 % line voltage regulation (dual) 0.5 % load v oltage regulation (single) 0 C 100% load 0.5 % load voltage regulation (single) 3.3v output model 0 C 100% load 1.5 % load voltage regulation (dual) 0 C 100% load 0.5 % load voltage regulation (dual) 3.3v output model 0 C 100% load 1.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 60 mv p - p rising time 10 ms general specifications parameters conditions typical maximum units switching frequency 100% load 260 khz operating temperature full load without d erating - 40 to +85 o c storage temperature - 40 to +125 o c max case temperature 100 o c cooling free air convection humidity 90 % case material nickel coated copper weight 26 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1.25 x 0.8 0 x 0.4 0 inches 31. 80 x 20.3 0 x 10. 20 mm mtbf >1 050 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) note: all specifications noted in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at r ated output load unless otherwise specified. safety specifications parameters agency approval ce standards en55022 class a, en55024 iec61000 - 4 - 2, perf. criteria b iec61000 - 4 - 3, perf. criteria a iec61000 - 4 - 4, perf. criteria b iec61000 - 4 - 5, perf. criteria b iec61000 - 4 - 6, perf. criteria a iec61000 - 4 - 8, perf. criteria a note: also designed to meet iec 60950 - 1:2001
series am 5tw -rz 5 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12.e 3 of 3 north america only pin out specifications di mensions note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downl oaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical d rawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applica tions which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accor dance with aimtecs standard terms of sale available at www.aimtec.com. pin 1500vdc single dual 2 - v input - v input 3 - v input - v input 9 no pin common 11 n.c. - v output 1 4 +v output +v output 16 - v output common 22 +v input +v input 23 +v input +v input


▲Up To Search▲   

 
Price & Availability of AM5TW-4805S-RZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X